PART |
Description |
Maker |
A43L8316AV-5 A43L8316AV-5.5 A43L8316AV-6 A43L8316A |
Cycle time:5ns; 200MHz CL=3 access time:4.5ns 128K x 16bit x 2banks synchronous DRAM Cycle time:5.5ns; 183MHz CL=3 access time:5.0ns 128K x 16bit x 2banks synchronous DRAM Cycle time:6ns; 166MHz CL=3 access time:5.5ns 128K x 16bit x 2banks synchronous DRAM Cycle time:7ns; 143MHz CL=3 access time:6.0ns 128K x 16bit x 2banks synchronous DRAM
|
AMIC Technology
|
WE256K8-150CC WE256K8-150CCA WE256K8-150CM WE256K8 |
Access time:150 ns; 512K x 8 CMOS EEPROM module Access time:200 ns; 512K x 8 CMOS EEPROM module Access time:250 ns; 512K x 8 CMOS EEPROM module Access time:300 ns; 512K x 8 CMOS EEPROM module
|
White Electronic Designs
|
AS4C256K16F0-25JC AS4C256K16F0-25JI AS4C256K16F0-2 |
5V 256K x 16 CM0S DRAM (fast page mode), 30ns RAS access time x16FastPageModeDRAM
5V 256K X 16 CMOS DRAM (Fast Page Mode) 5V 256K x 16 CM0S DRAM (fast page mode), 35ns RAS access time 5V 256K x 16 CM0S DRAM (fast page mode), 50ns RAS access time 5V 256K x 16 CM0S DRAM (fast page mode), 25ns RAS access time
|
Alliance Semiconductor Corporation
|
5962-0323601QXA 5962-0323601QXC 5962-0323601QXX 59 |
128K x 32 SRAM: SMD. 15ns access time. Class Q. Lead finish hot solder dipped. 128K x 32 SRAM: SMD. 15ns access time. Class Q. Lead finish gold. 128K x 32 SRAM: SMD. 15ns access time. Class Q. Lead finish factory option. 128K x 32 SRAM: SMD. 15ns access time. Class V. Lead finish hot solder dipped. 128K x 32 SRAM: SMD. 15ns access time. Class V. Lead finish gold. 128K x 32 SRAM: SMD. 15ns access time. Class V. Lead finish factory option. 128K x 32 SRAM. 15ns access time. Lead finish hot solder dipped. 128K x 32 SRAM. 15ns access time. Lead finish factory option. 128K x 32 SRAM. 15ns access time. Lead finish gold.
|
Aeroflex Circuit Technology
|
HM-6514/883 HM-6514B/883 |
RAM, 1024x4 CMOS, Access Time 300ns, Mil Std. RAM, 1024x4 CMOS, Access Time 200ns, Mil Std.
|
Intersil
|
AS7C31025A-20TJI AS7C1025A AS7C1025A-10JC AS7C1025 |
3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 Parallel-Load 8-Bit Shift Registers 16-VQFN -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SO -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input AND Gates 14-TSSOP -55 to 125 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Parallel-Load 8-Bit Shift Registers 16-TSSOP -40 to 85 5V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
5962-0153201QYX 5962D0153201QYX 5962L0153201QYA 59 |
1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish factory option. Total dose none. 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish factory option. Total dose 1E4(10krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish hot solder dipped. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish hot solder dipped. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish factory option. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish factory option. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish hot solder dipped. Total dose none. 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose none. 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish factory option. Total dose none. 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 1E4(10krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 1E4(10krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish hot solder dipped. Total dose 3E4(30krad(Si)).
|
Aeroflex Circuit Technology
|
5962-0151101TXC 5962-0151101QXC 5962-0151101 UT9Q5 |
512K32 16Megabit SRAM MCM: SDM. 25ns access time, 5.0V operation. Lead finish gold. QML class T. Total dose 3E4(30krad(Si)). 512K32 16Megabit SRAM MCM: SDM. 25ns access time, 5.0V operation. Lead finish gold. QML class Q. Total dose 3E4(30krad(Si)). 512K32 16Megabit SRAM MCM: SDM. 25ns access time, 5.0V operation. Lead finish gold. QML class T. Total dose 5E4(50krad(Si)). 512K32 16Megabit SRAM MCM: SDM. 25ns access time, 5.0V operation. Lead finish gold. QML class Q. Total dose 1E4(10krad(Si)). UT9Q512K32 16Megabit SRAM MCM UT9Q512K32 16Megabit SRAM MCM 512K32 16Megabit SRAM MCM: SDM. 25ns access time, 5.0V operation. Lead finish gold. QML class Q. Total dose none 512K32 16Megabit SRAM MCM: SDM. 25ns access time, 5.0V operation. Lead finish gold. QML class T. Total dose none 512K32 16Megabit SRAM MCM: SDM. 25ns access time, 5.0V operation. Lead finish gold. QML class T. Total dose 1E4(10krad(Si)). 512K32 16Megabit SRAM MCM: SDM. 25ns access time, 5.0V operation. Lead finish gold. QML class Q. Total dose 5E4(50krad(Si)).
|
AEROFLEX[Aeroflex Circuit Technology]
|
M41T80M6E M41T80M6F M41T8006 M41T80 |
Serial access Real Time Clock with alarm
|
STMICROELECTRONICS[STMicroelectronics]
|
M41T81S M41T81SM6E M41T81SM6ET M41T81SM6F M41T81SM |
Serial Access Real-Time Clock with Alarms
|
STMICROELECTRONICS[STMicroelectronics]
|
UT62256CLS-35LE UT62256CLS-70LE UT62256CLS-70LLE U |
Access time: 35 ns, 32 K x 8 Bit low power CMOS SRAM Access time: 70 ns, 32 K x 8 Bit low power CMOS SRAM
|
UTRON Technology
|